công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5746C K0CMJ2 bảng dữ liệu (PDF) - NXP Semiconductors

SPC5746C K0CMJ2 Datasheet PDF - NXP Semiconductors
tên linh kiện SPC5746C K0CMJ2
tải về  SPC5746C K0CMJ2 tải về
kích thước tập tin   995.22 Kbytes
Page   70 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện Freescale Semiconductor

SPC5746C K0CMJ2 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SPC5746C K0CMJ2 Datasheet PDF - NXP Semiconductors

tên linh kiện SPC5746C K0CMJ2
tải về  SPC5746C K0CMJ2 Click to download

kích thước tập tin   995.22 Kbytes
Page   70 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện Freescale Semiconductor

SPC5746C K0CMJ2 bảng dữ liệu (HTML) - NXP Semiconductors


SPC5746C K0CMJ2 Thông tin chi tiết sản phẩm

Features
• 2 x 160 MHz Power Architecture® e200Z4 Dual issue, 32-bit CPU
– Single precision floating point operations
– 8 KB instruction cache and 4 KB data cache
– Variable length encoding (VLE) for significant code density improvements
• 1 x 80 MHz Power Architecture® e200Z2 Single issue, 32-bit CPU
– Using variable length encoding (VLE) for significant code size footprint reduction
• End to end ECC
– All bus masters, for example, cores generate single error correction, double error detection (SECDED) code for every bus transaction
– SECDED covers 64-bit data and 29-bit address
• Memory interfaces
– 6 MB on-chip flash supported with the flash controller
– 3 x flash page buffers (3 port flash controller)
– 768 KB on-chip SRAM across three RAM ports
• Clock interfaces
– 8-40 MHz external crystal (FXOSC)
– 16 MHz IRC (FIRC)
– 128 KHz IRC (SIRC)
– 32 KHz external crystal (SXOSC)
– Clock Monitor Unit (CMU)
– Frequency modulated phase-locked loop (FMPLL)
– Real Time Counter (RTC)
• System Memory Protection Unit (SMPU) with up to 32 region descriptors and 16-byte region granularity
• 16 Semaphores to manage access to shared resource
• Interrupt controller (INTC) capable of routing interrupts to any CPU
• Multiple crossbar switch architecture for concurrent access to peripherals, flash, and RAM from multiple bus masters
• 32-channels eDMA controller with multiple transfer request sources using DMAMUX
• Boot Assist Flash (BAF) supports internal flash programming via a serial link (LIN / SCI)
• Analog
– Two analog-to-digital converters (ADC), one 10-bit and one 12-bit
– Three analogue comparators
– Cross Trigger Unit to enable synchronization of ADC conversions with a timer event from the eMIOS or from the PIT
• Communication
– Four Deserial Peripheral Interface (DSPI)
– Six Serial Peripheral interface (SPI)
– 18 serial communication interface (LIN) modules
– Eight enhanced FlexCAN3 with FD support
– Four inter-IC communication interface (IIC)
– One USB OTG Controller (USB_0) and One USB SPH Controller (USB_1) with ULPI Interface.
– ENET complex (10/100 Ethernet) that supports Multi queue with AVB support, 1588, and MII/RMII
– 2 x ENET with L2 switch
– Secure Digital Hardware Controller (uSDHC)
– Dual-channel FlexRay Controller
• Audio
– 3 x Synchronous Audio Interface (SAI)
– Fractional clock dividers (FCD) operating in conjunction with the SAIs
• Configurable I/O domains supporting FLEXCAN, LINFlex, Ethernet, USB, MLB, uSDHC and general I/O
• Supports wake-up from low power modes via the WKPU controller
• On-chip voltage regulator (VREG)
• Debug functionality
– e200Z2 core:NDI per IEEE-ISTO 5001-2008 Class3+
– e200Z4 core(s): NDI per IEEE-ISTO 5001-2008 Class 3+
• Timer
– 16 Periodic Interrupt Timers (PITs)
– Three System Timer Module (STM)
– Four Software WatchDog Timers (SWT)
– 96 Configurable Enhanced Modular Input Output Subsystem (eMIOS) channels
• Device/board boundary Scan testing supported with per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1) and 1149.7 (cJTAG)
• Security
– Hardware Security Module (HSMv2)
– Password and Device Security (PASS and TDM) supporting advanced censorship and life-cycle management
– One Fault Collection and Control Unit (FCCU) to collect faults and issue interrupts
• Functional Safety
– ISO26262 ASIL compliance
• Multiple operating modes
– Includes enhanced low power operation




Số phần tương tự - SPC5746C K0CMJ2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SPC5746CBK0CKU2 NXP-SPC5746CBK0CKU2 Datasheet
936Kb / 68P
Freescale Semiconductor
Rev. 4, 3/2016
SPC5746CBK0CKU6 NXP-SPC5746CBK0CKU6 Datasheet
936Kb / 68P
Freescale Semiconductor
Rev. 4, 3/2016
SPC5746CBK0CMH2 NXP-SPC5746CBK0CMH2 Datasheet
936Kb / 68P
Freescale Semiconductor
Rev. 4, 3/2016
SPC5746CBK0CMH6 NXP-SPC5746CBK0CMH6 Datasheet
936Kb / 68P
Freescale Semiconductor
Rev. 4, 3/2016
SPC5746CBK0CMJ2 NXP-SPC5746CBK0CMJ2 Datasheet
936Kb / 68P
Freescale Semiconductor
Rev. 4, 3/2016
More results


Mô tả tương tự - SPC5746C K0CMJ2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
Freescale Semiconductor, Inc.
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
Freescale Semiconductor, Inc.
68HC908JB8FS MOTOROLA-68HC908JB8FS Datasheet
226Kb / 2P
Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
DSPB56374AFC FREESCALE-DSPB56374AFC Datasheet
1Mb / 64P
Freescale Semiconductor
MC68HC705C8ACFNE FREESCALE-MC68HC705C8ACFNE Datasheet
1Mb / 222P
Freescale Semiconductor, Inc.
MC711K4CFNE3 FREESCALE-MC711K4CFNE3 Datasheet
2Mb / 290P
Freescale Semiconductor, Inc.
MC68302CFC16C FREESCALE-MC68302CFC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
Motorola, Inc
MC68040RC25A MOTOROLA-MC68040RC25A Datasheet
3Mb / 442P
Freescale Semiconductor, Inc.
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com